|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0465572447 Active 1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle, 80 Circuits, 7.50mm (.295") Unmated Height, 4 Rows, With Pegs, Solder ChargeTM Documents: 3D Model Drawing (PDF) Product Specification PS-45970-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS Not RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed China RoHS Agency Certification CSA UL General Product Family Series Application Product Name PCB Receptacles 46557 Board-to-Board SEARAY* Physical Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Stackable Surface Mount Compatible (SMC) 80 80 80 Black 100 94V-0 No No None No Copper Alloy Gold, Nickel Tin-Lead High Temperature Thermoplastic 4 Vertical 0.086 In 2.18 mm Yes Yes 0.062 In 1.57 mm Embossed Tape on Reel 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.75 100 2.5 Yes Yes Pick and Place Cap No No Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 46557Series Mates With 46556 Searay* Slim Plug Connector Temperature Range - Operating Termination Interface: Style -55C to +125C Through Hole Electrical Current - Maximum per Contact Grounding to PCB Voltage - Maximum 1A No 240V AC Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Replacement RoHS Compliant Part Number 60 Reflow Capable (SMT only) 1 230 0465572445 Material Info Reference - Drawing Numbers Product Specification Sales Drawing *SEARAY is a trademark of Samtec, Inc. PS-45970-001 SD-46557-001 This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 46557-2447 |